|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PHOTODIODE:12mm2 FEATURES * TO-8 hermetic package * Circular active area * Low capacitance ODD-12W RoHS ELECTRO-OPTICAL CHARACTERISTICS AT 25C Active Area Responsivity, R Dark Current, Idr Reverse Breakdown Voltage, VR Capacitance, C Rise Time Series Resistance THERMAL PARAMETERS PARAMETERS TEST CONDITIONS 4mm DIA. @ 632nm VR = 10V IR = 10A VR = 10V VR = 10V Vf = 1V MIN 0.35 25 TYP 12 0.40 3 60 25 15 35 MAX UNITS A/W nA Volts pF nsec Ohms mm2 7 100 1 Storage and Operating Temperature Range Maximum Junction Temperature Lead Soldering Temperature1 1/16" from case for 10 seconds. -55C TO 100C 100C 260 750 Mitchell Road, Newbury Park, California 91320 Phone: (805) 499-0335, Fax: (805) 499-8108 Email: sales@optodiode.com, Website: www.optodiode.com 117 PHOTODIODE:12mm2 1 0.9 RELATIVE CAPACITANCE 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 2 4 6 12 14 8 10 BIAS VOLTAGE (V) 16 18 20 CAPACITANCE vs BIAS VOLTAGE ODD-12W TYPICAL SPECTRAL RESPONSE 0.7 0.6 0.5 RESPONSIVITY 0.4 0.3 0.2 0.1 0 300 400 500 600 700 800 900 1000 1100 WAVELENGTH (nm) 750 Mitchell Road, Newbury Park, California 91320 Phone: (805) 499-0335, Fax: (805) 499-8108 Email: sales@optodiode.com, Website: www.optodiode.com 118 |
Price & Availability of ODD-12W |